Part Number Hot Search : 
74LV32 2SC2472 69429 90160 MLX90110 ES6230 220002B BY299
Product Description
Full Text Search
 

To Download SF84 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF81
8.0 AMP SUPER FAST RECTIFIERS
THRU
SF87
VOLTAGE RANGE
50 to 600 Volts
CURRENT FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability * Good for switching mode application
.412 (10.5) MAX.
8.0 Amperes
TO-220A
3.8 f +.2 HOLE THRU .180 (4.6)
.050 (1.27)
.108 (2.75)
.248 (6.3)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Lead solderable per MIL-STD-202, method 208 guranteed * Polarity: As Marked * Mounting position: Any * Weight: 2.24 grams
.040 (1.0) MAX. .051 MAX. (1.3) .040 MAX. (1.0) .200 (5.08) + CASE
.595 (15.1) MAX.
.550 (14.0) .158 (4.0) MIN. MAX. .120 (3.05) PIN 1 + CASE PIN 2 Case Negative Suffix "R"
PIN 1 PIN 2
+
Case Positive
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Tc=100 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 8.0A Maximum DC Reverse Current Tc=25 C at Rated DC Blocking Voltage Tc=100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range TJ, TSTG
NOTES:
SF81 50 35 50
SF82 100 70 100
SF83 150 105 150
SF84 200 140 200 8.0 125
SF85 300 210 300
SF86 400 280 400
SF87 UNITS 600 420 600 V V V A A V A A nS pF C
0.95 10 500 35 -65 50 +150
1.30
1.50
50
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
RATING AND CHARACTERISTIC CURVES (SF81 THRU SF87)
FIG.1- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50W NONINDUCTIVE 10W NONINDUCTIVE trr +0.5A
| | | | | | | |
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A) 12 10 8 6 4 2 0 0 25 50 75 100 125 150 175
Single Phase Half Wave 60Hz Resistive Or Inductive Load
(+) 25Vdc (approx.) () 1W NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
0 -0.25A
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
CASE TEMPERATURE,( C)
FIG.3-TYPICAL FORWARD CHARACTERISTICS 1000 50
INSTANTANEOUS FORWARD CURRENT,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS
REVERSE LEAKAGE CURRENT, ( A)
10 3.0
SF 81~ SF 84 SF 85 ~S F8 6 SF 87
100
Tc=100 C
1.0
10
Tj=25 C Pulse Width 300us 1% Duty Cycle
Tc=25 C
0.1
1.0
.01
.4
.6
.8
1.0
1.2
1.4 1.6
1.8
0.1
0
20
40
60
80
100 120 140
FORWARD VOLT AGE,(V)
PERCENT OF RATED PEAK REVERSE VOLT AGE,(%)
FIG.5-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
125
FIG.6-TYPICAL JUNCTION CAPACITANCE
175 150 125 100 75 50 25 0
100
75
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
50
25
0 1 5 10 50 100
JUNCTION CAPACITANCE,(pF)
.01
.05
.1
.5
1
5
10
50
100
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,(V)


▲Up To Search▲   

 
Price & Availability of SF84

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X